PART |
Description |
Maker |
AS1334-BTDT-12 AS1334-BTDT-15 AS1334-BTDT-18 AS133 |
650mA, Ultra low Ripple Step Down DC/DC Converter
|
austriamicrosystems AG
|
LT3495B-1-15 |
650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
|
Linear Technology
|
50ZL100MEFC8X11.5 16ZL470MEFC10X12.5 16ZL470MEFC8X |
105 High ripple current, Low impedance. MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS 105?High ripple current, Low impedance.
|
RUBYCON CORPORATION
|
450C631M500AC8 450C921M450EB8 450C431M500AB8 450C2 |
Ultra-Ripple, Long-life, Inverter Grade, Radial Leaded The Ultimate in Ripple for Plug-in
|
Cornell Dubilier Electronics
|
MM3093K |
Low-ripple, low-saturation CMOS regulators, 3.9V
|
Mitsumi Electric
|
AJC-SERIES |
Regulated Output and Low Ripple and Low Noise
|
Arch Electronics Corp.
|
MCP1256 MCP1259T-EUN MCP1256-EMF MCP1256-EUN MCP12 |
Regulated 3.3V, Low-Ripple Charge Pump with Low-Operating Current SLEEP Mode or BYPASS Mode From old datasheet system Regulated 3.3V, Low-Ripple Charge Pump with Low- Operating Current SLEEP Mode or BYPASS Mode
|
Microchip Technology, Inc. MICROCHIP[Microchip Technology]
|
LTC1514-3.3 1514I3 1514I5 LTC1514IS8-3.3TRPBF LTC1 |
Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 0.05 A SWITCHED CAPACITOR REGULATOR, 800 kHz SWITCHING FREQ-MAX, PDSO8 Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator(3.3V输出,步升/步降开关电容DC/DC变换器(带低电池比较器)) Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C
|
Linear Technology, Corp. Linear Technology Corporation
|
5962-8994802MXX 5962-8994802Q9X 5962-8994801MXX 59 |
Wide-Input-Range, Synchronizable, PWM SLIC Power Supply 500mA, Low-Dropout, Ripple-Rejecting LDO in µMAX 3µs, 12-Bit ADC 3µs, 12-Bit ADC 现场可编程门阵列(FPGA 500mA, Low-Dropout, Ripple-Rejecting LDO in µMAX 现场可编程门阵列(FPGA SC70 Inverting Charge Pumps with Shutdown 现场可编程门阵列(FPGA
|
Atmel, Corp. TE Connectivity, Ltd.
|
KTPS200-12160/S KTPS200-18110/S KTPS200-19105/S KT |
Volgen 200 Watt Series Regulated Output with Low Ripple Noise
|
Volgen Kaga Electronics Inc. List of Unclassifed Manufacturers
|
AP3406 AP3406K-ADJTRG1 AP3406KT-ADJTRG1 |
1.1MHz, 650mA SYNCHRONOUS DC-DC BUCK CONVERTER
|
BCD Semiconductor Manufacturing Limited
|